PART |
Description |
Maker |
L13-PALLADIUM |
Palladium, Zero Knowledge Palladium/ Zero Knowledge
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
AVR1511 |
Knowledge level: Intermediate Atmel QT600 (entire kit)
|
ATMEL Corporation
|
L12-TCPA-PALLADIUM |
TCPA and Palladium
|
List of Unclassifed Manufacturers
|
L12-TCPA-PALLADIUM |
TCPA and Palladium 城乡规划和钯
|
Electronic Theatre Controls, Inc.
|
B57620C0223M062 B57620C0221J062 B57620C0221M062 B5 |
RESISTOR, TEMPERATURE DEPENDENT, NTC, 22000 ohm, SURFACE MOUNT CHIP SMD NTC Thermistors with Silver Palladium Termination, Size 0805
|
爱普科斯(中国)投资有限公司 EPCOS
|
74HC HCMOS 74HCT 74HCU |
: Conductor AWG#18 to #22; Termination Style: Crimping; Current Rating(Amps)(Max.): 5; Contact Mating Area Plating: Palladium; Operating Temperature Small Signal Bipolar Transistor; Collector Emitter Voltage, Vceo:100V; Transistor Polarity:N Channel; C-E Breakdown Voltage:100V; DC Current Gain Min (hfe):30; Package/Case:R245; Collector Base Voltage:120V HCMOS family characteristics
|
Philips Semiconductors NXP Semiconductors
|
NL6EBX-DC110V NL6EBX-DC110V-1 NL6EBX-L2-DC110V NL6 |
NL-relay. 6PDT, 2 Amp, dil. relay. 6 form C. Coil voltage 110 V DC. Amber sealed type. Single side stable. Contact material: gold-clad silver. NL-relay. 6PDT, 2 Amp, dil. relay. 6 form C. Coil voltage 110 V DC. Amber sealed type. Single side stable. Contact material: gold-cap over silver palladium. NL-relay. 6PDT, 2 Amp, dil. relay. 6 form C. Coil voltage 110 V DC. Amber sealed type. 2 coil latching. Contact material: gold-clad silver. NL-relay. 6PDT, 2 Amp, dil. relay. 6 form C. Coil voltage 110 V DC. Amber sealed type. 2 coil latching. Contact material: gold-cap over silver palladium.
|
Matsushita Electric Works(Nais)
|